PART |
Description |
Maker |
102100-1 |
.156 Inch Centerline-Cable to Board AMPMODU .031 x .062 Interconnection System (Mod I); MOD I RECP PLTD 15 SEL ( AMP )
|
Tyco Electronics
|
APM9953KC-TU APM9953KC-TUL APM9953KC-TR APM9953KC- |
Dual P-Channel Enhancement Mode MOSFET 双P沟道增强型MOS Dual P-Channel Enhancement Mode MOSFET 3 A, 20 V, 0.1 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
Anpec Electronics Corporation Anpec Electronics, Corp.
|
LS4D18-270-RN LS4D18-3R3-RN LS4D18-560-RN LS4D18-2 |
Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L PDIP 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD 10.0mV Dual N-Channel Matched Pair MOSFET Array, Enhancement Mode, 8L CDIP 1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR, SMD 10.0mV Dual P-Channel Matched Pair MOSFET Array, Enhancement Mode, 8L CDIP 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR, SMD Dual N-Channel Programmable Matched Pair MOSFET Array, Enhancement Mode, 8L PDIP, EPAD Enabled 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L MSOP Single N-Channel & P-Channel MOSFET Pair, Enhancement Mode, 8L SOIC
|
http:// ICE Components, Inc. ICE COMPONENTS INC
|
NTP27N06 NTB27N06 NTB27N06T4 |
Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 27 Amps, 60 Volts N?Channel TO?220 and D2PAK Power MOSFET 27 Amps / 60 Volts NChannel TO220 and D2PAK LASER MOD 670NM .95MW MVP ROUND LASER MOD 635NM 4.9MW VHK ROUND 27 A, 60 V, 0.046 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ONSEMI[ON Semiconductor]
|
2-87879-0 2-87879-5 2-87879-9 2-87879-7 2-87879-1 |
CONNECTOR ASSEMBLY, MOD IV, SINGLE ROW .100CL, DUAL ENTRY
|
Tyco Electronics
|
NDH8321C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(??娌????娌??澧?己??????绠?N娌??锛???垫?3.8A, 婕???靛?20V锛???????.035惟锛?娌??锛???垫?-2.7A, 婕???靛?-20V锛???????.07惟锛? Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
FAIRCHILD SEMICONDUCTOR CORP
|
CMLDM7002A |
SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 280 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
ZXMP6A18DN8NBSP ZXMP6A18DN8 ZXMP6A18DN8TC ZXMP6A18 |
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 3.7 A, 60 V, 0.055 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
DMG1024UV DMG1024UV-7 DMG1024UV-15 |
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET 1390 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-6
|
Diodes Incorporated Diodes, Inc.
|
ZXMD63N02 ZXMD63N02X ZXMD63N02XTC ZXMD63N02XTA |
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET 2400 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
NTE2959 |
Dual Channel, 2/0, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
|